Part Number Hot Search : 
1N473 ASTMB545 LR3715Z 8F042 P0603 PBL38582 GP509 EPG4001S
Product Description
Full Text Search
 

To Download 43WRMEGLFTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 43 3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
MODELS AVAILABLE
J hook surface mount 43W
ELECTRICAL1
Resistance Range Standard Resistance Tolerance Input Voltage, Maximum Power rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum Temperature Coefficient of Resistance 10 Ohm to 2 Megohms 20% 200 Vdc or rms, not to exceed power rating 0.125 @ 70C, derating to 0 @ 150C 1% or 3 Ohms, whichever is greater 11 turns 600 V AC 100 Megohms Essentially infinite 3% or 3 Ohms, whichever is greater 100 ppm/C
MECHANICAL
Mechanical Stop Torque, Maximum Weight, Approx. Wiper Position Wiper idles 2.5 in. oz. 0.01 oz. Approx. 50%
1
Specifications subject to change without notice.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
November 8, 2006
Website: www.bitechnologies.com
page 1 of 3
BI technologies
MODEL 43
ENVIRONMENTAL
Seal Operating Temperature Range Thermal Shock, 5 cycles, -55C to +125C Moisture Resistance, Ten 24 Hour Cycles Shock, 6 ms Sawtooth 100G's Vibration, 20G's to 2000 Hz High Temperature Exposure, 250 Hours @ 125C Rotational Life, 200 Cycles Load Life, 0.125W, 1000 Hours, 70C Resistance to Solder Heat 85C Fluorinert(R) -65C to +150C 2% R, 2% V Ratio max. 3% R 1% R, 1% V Ratio max. 1% R, 1% V Ratio max. 2% R, 2% V Ratio max. 3% R 4% R or 4 ohms which ever is greatest, 2% V Ratio max. 260C for 5 sec.
ORDERING INFORMATION2 43 W R10K LF XX
Model Series Pin Style Packaging Option: TR - 7" Tape & Reel TB - Tube RoHS Compliant Product Code Resistance Value
INFORMATION PACKAGING INFORMATION
Tape & Reel Tape Width Sprocket Pitch Reel Diameter Quantity per Reel Tubes Anti-Static Tubes, all units oriented with #1 pin to the same side 50 units per tube 12 mm 4 mm 7 inches 500 units
STANDARD RESISTANCE VALUES, OHMS
10 20 50 100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 500K 1 Meg 2 Meg
2
Contact our customer service for custom designs and features.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
November 8, 2006
Website: www.bitechnologies.com
page 2 of 3
BI technologies
MODEL 43
OUTLINE DRAWING3
Model 43W
CIRCUIT DIAGRAM
3
Dimensions are Inches (mm), Tolerances are .01 inch (.025 mm) unless otherwise stated.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
November 8, 2006
Website: www.bitechnologies.com
page 3 of 3
BI technologies


▲Up To Search▲   

 
Price & Availability of 43WRMEGLFTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X